D4F60 600v 4a copyright & copy;2000 shindengen electric mfg.co.ltd outline dimensions ratings shindengen case : 2f unit : mm general purpose rectifiers single ??absolute maximum ratings (if not specified tl=25??) item symbol conditions ratings unit storage temperature tstg -55?`150 ?? operating junction temperature t j 150 ?? maximum reverse voltage v rm 600 v 50hz sine wave, r-load tl=68?? 4 average rectified forward current i o 50hz sine wave, r-load ta=25?? on alumina substrate 1.85 a 50hz sine wave, r-load ta=25?? on glass-epoxy substrate 1.3 peak surge forward current i fsm 50hz sine wave, non-repetitive 1 cycle peak value, tj=25?? 200 a current squared time i 2 t 1ms??t??10???? 150 a 2 s ??electrical characteristics (if not specified tl=25??) item symbol conditions ratings unit forward voltage v f i f =4a pulse measurement max.0.95 v reverse current i r v r =600v pulse measurement max.10 ?a ??jl junction to lead max.23 thermal resistance ??ja junction to ambient, on alumina substrate max.80 ??/w junction to ambient, on glass-epoxy substrate max.115
forward voltage 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 0.1 1 10 100 D4F60 pulse measurement per diode tl=150 c [typ] tl=25 c [typ] forward voltage v f [v] forward current i f [a]
0 1 2 3 4 5 0 1 2 3 4 5 D4F60 forward power dissipation sin average rectified forward current i o [a] forward power dissipation p f [w] tj = 150 c sine wave
0 t p i o t d=t p /t 0 20 40 60 80 100 120 140 160 0 0.5 1 1.5 2 2.5 D4F60 derating curve v r = v rm sin 0 v r ambient temperature ta [ c] average rectified forward current i o [a] alumina substrate soldering land 2mm f conductor layer 20 m m substrate thickness 0.64mm
0 t p i o t d=t p /t 0 20 40 60 80 100 120 140 160 0 0.5 1 1.5 2 D4F60 derating curve v r = v rm sin 0 v r ambient temperature ta [ c] average rectified forward current i o [a] glass-epoxy substrate soldering land 2mm f conductor layer 35 m m
0 t p i o t d=t p /t 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 D4F60 derating curve v r = v rm sin 0 v r lead temperature tl [ c] average rectified forward current i o [a]
peak surge forward capability 0 50 100 150 200 250 1 10 100 D4F60 2 5 20 50 i fsm 10ms 10ms 1 cycle number of cycles [cycles] peak surge forward current i fsm [a] non-repetitive, sine wave, tj=25 c before surge current is applied
|